Part Number Hot Search : 
MBD4148 W40N60 100N1T TK16G60W PRMAG30M SD103A FM24C05U FM4007C
Product Description
Full Text Search
 

To Download RU40120R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 www. ruichips .com ru 4 0 120 r n - channel advanced power mosfet mosfet features pin description applications symbol parameter rating unit common ratings ( t a =25 c unless otherwise noted) v dss drain - s ource voltage 40 v gss gate - source voltage 2 0 v t j maximum junction temperature 175 c t stg storage temperature range - 55 to 175 c i s diode continuous forward current t c =25 c 120 a mounted on large heat sink i d p 300 s pulse drain current tested t c =25 c 48 0 a t c =25 c 120 i d continuous drain current t c =100 c 103 a t c =25 c 1 50 w p d maximum power dissipation t c = 100 c 75 w r q jc thermal resistance - junction to case 1. 0 c /w drain - source avalanche ratings e as avalanche energy, single pulsed 400 m j ? 40 v/ 120 a, r ds ( on ) = 3.5 m ( tpy.)@ v gs =10v ? super high dense cell design ? ult ra low on - resistance ? 100% avalanche tested ? lead free and green devices available ( rohs compliant) ? d c - dc converters ? power supply absolute maximum ratings n - channel mosfe t to - 220
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 2 www. ruichips .com ru 40120 r electrical characteristics ( t a =25 c unless otherwise noted) ru 4 0 120 r symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a 40 v v ds = 4 0 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 1 0 m a v gs ( th) gate threshold voltage v ds =v gs , i ds =250 m a 2 3 4 v i gss gate leakage current v gs = 2 0 v, v ds =0v 10 0 n a r ds ( on ) drain - source on - state resistance v gs = 10 v, i ds = 6 0 a 3.5 4.5 m w notes : calculated continuous current based on maximum allowable junction temperature . limited by bonding wire. pulse width limited by safe operating area. . limited by t jmax , i as = 40 a, v dd = 32 v, r g = 47 , starting t j = 25c . pulse test ; p ulse width 3 00 m s, duty cycle 2% . guaranteed by design, not subject to production testing . d iode characteristics v sd diode forward voltage i sd = 6 0 a, v gs =0v 0.8 1. 2 v t rr reverse recovery time 33 ns q rr reverse recovery charge i sd = 6 0 a, dl sd /dt=100a/ m s 30 nc dynamic ch aracteristics r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz 1.8 w c iss input capacitance 370 0 c oss output capacitance 6 80 c rss reverse transfer capacitance v gs =0v, v ds = 20 v, frequency=1.0mhz 345 pf t d ( on ) turn - on delay time 36 t r turn - on rise time 205 t d ( off ) turn - off delay time 85 t f turn - off fall time v dd = 2 0 v, r l = 30 w , i ds = 6 0 a, v gen = 10v, r g = 4.7 w 45 ns gate charge characteristics q g total gate charge 90 q gs gate - source charge 32 q gd gate - drain charge v ds = 32 v, v gs = 10v, i ds = 60 a 37 nc
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 3 www. ruichips .com ru 40120 r typical characteristics power dissipation drain current p tot - power ( w) i d - drain current (a) t j - junction temperature ( c) t j - junction temperature ( c) safe operation area thermal transient impedance i d - drain current (a) normalized effective transient v ds - drain - source voltage ( v) square wave pulse duration ( sec)
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 4 www. ruichips .com ru 40120 r typical characteristics output characteristics drain - source on resistance i d - drain current (a) r ds(on) - on resistance ( m ) v ds - drain - source voltage (v) i d - drain current (a) drain - source on resistance gate threshold voltage r ds ( on ) - on - resistance (m ? ) normalized threshold voltage v gs - gate - source voltage (v) t j - junction temperature (c)
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 5 www. ruichips .com ru 40120 r typical characteristics drain - source on resistance source - drain diode forward normalized on resistance i s - source current (a) t j - junction temp erature (c) v sd - source - drain voltage (v) capacitance gate charge c - capacitance ( pf ) v gs - gate - source voltage (v) v ds - drain - source voltage (v) q g - gate charge (nc)
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 6 www. ruichips .com ru 40120 r avalanche test circuit a nd waveforms switching time test circuit and waveforms
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 7 www. ruichips .com ru 40120 r ordering and marking information ru 4 0 120 package (available) r : to 220 operati ng temperature range c : - 55 to 1 75 oc assembly material g : green & lead free packaging t : tube
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 8 www. ruichips .com ru 40120 r package information to - 220fb - 3l all dimensions refer to jedec standard do not incl ude mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max a 4.40 4.57 4.70 0.173 0.180 0.185 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 a1 1.27 1.30 1.33 0.050 0.051 0.052 e 2.54bsc 0.1bsc a2 2.35 2.40 2.50 0.093 0.094 0.098 e1 5.08bsc 0.2bsc b 0.77 - 0.90 0.030 - 0.035 h1 6.40 6.50 6.60 0.252 0.256 0.260 b2 1.23 - 1 .36 0.048 - 0.054 l 12.75 - 13.17 0.502 - 0.519 c 0.48 0.50 0.52 0.019 0.020 0.021 l1 - - 3.95 - - 0.156 d 15.40 15.60 15.80 0.606 0.614 0.622 l2 2.50ref . 0.098ref . d1 9.00 9.10 9.20 0.354 0.358 0.362 ?p 3.57 3.60 3.63 0.141 0.142 0.143 dep 0.05 0.10 0 .20 0.002 0.004 0.008 q 2.73 2.80 2.87 0.107 0.110 0.113 e 9.70 9.90 10.10 0.382 0.389 0.398 1 5 7 9 5 7 9 e 1 - 8.70 - - 0.343 - 2 1 3 5 1 3 5 e 2 9.80 10.00 10.20 0.386 0.394 0.401
c opyright ruichips semiconductor co . , ltd rev . a C apr ., 2011 9 www. ruichips .com ru 40120 r customer service worldwide sales and service : sales@ru i chips.com technical s upport : technical@ruichips.com investor relations contacts : investor@ruichips.com marcom contact: marcom@ruichips.com editorial contact : editorial@ruichips.com hr conta c t: hr@ruichips. com legal contact: legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial bui l ding, n o.207 mei hua road fu tian area shen zhen city , chi na tel: ( 86 - 755) 8311 - 5334 f ax : (86 - 755) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU40120R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X